Part Number Hot Search : 
STTH80 4LCX5 D667A 010GN01 LAS8500P 1054384 4N50QD UPD1937C
Product Description
Full Text Search
 

To Download W199ABMX-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  w199dx-2 40amp w199dex-3 50amp pressure wire connectors for heavy gauge wires w199x-8 40amp w199bx-110 40amp W199ABMX-7 40amp w199adbx-4 40amp ? available blowout magnets for high dc switching. ? available auxiliary switches. ? can be confgured with 0.25 inch q.c. connections. ? up to 50a switching. ? available metal enclosure. blowout magnet for high dc switching auxiliary switch blowout magnet for high dc switching blowout magnet for high dc switching shoulder rivet and spring optimize contact wipe 6/2 section 6 magnecraft solution guide 105a magnecraft solution guide 105a advantages of the w199 power relay the magnecraft 199 relay is the powerhouse open relay. standard parts can handle up to 40a and there are options to handle up to 50a. the device is available in a variety of confgurations and coil voltages. available with up to two poles, double and single throws, insulated and non- insulated double make and/or break, and several switching forms. options include auxiliary 10a switches with quick connects or screw terminals, quick connects on the coils and/or contacts, tungsten stationary contacts, fne silver contacts, pressure wire connectors on the output terminals and blowout magnets near the contacts for high voltage dc switching. optional cover (50-1289-1) see section 3 p.22
combo-head screws for simpler hook-up. 14 aw g f or 40a, 11 aw g for 50a con?gurations for superior load handling. riveted constru ction to sustain y ears of use. wide selection of coil vo ltages to fit most applications. wide array of options & con?gurations for speci?c control needs. 199pqmkkx-1 50amp 1/4 q.c. on coil for simpler installation w199mx-51 40amp w199mx-27 40amp w199x-11 40amp w199ax-14 40amp w199x-3 40amp auxiliary switch auxiliary switch 11 awg pigtails for 50a load switching 1/4 inch q.c. on auxiliary switch for speedier hook-up 6/3 magnecraft solution guide 105a section 6 magnecraft solution guide 105a
general specifcations (ul 508) white ul recognized file no. e43641 u l us c ~ ~ ~ ~ riveted construction wide selection of coil voltages ~ ~ ~ 14 awg for 40a, 11 awg for 50a confgurations combo-head screws wide array of options and confgurations ~ 6/4 section 6 magnecraft solution guide 105a magnecraft solution guide 105a units a resistive resistive resistive pilot duty ma va (resistive) ms awg (mm2) in-lb (nm) grams blowout magnet minimum % of nominal operations @ rated current between coil and contact between poles between contacts standard version storage operation contact characteristics number and type of contacts contact materials thermal (carrying) current rating maximum switching voltage switching current @ voltage minimum switching requirement coil characteristics voltage range operating range average consumption drop-out voltage threshold performance characteristics electrical life (ul 508) operating time (response time) dielectric environment product certifcations ambient air temperature around the device terminal tightening torque weight 199, 199a spst, spdt, dpst, dpdt silver alloy 40 600v 40a @ 277v 50/60hz, 5a @ 600vac 50/60hz 40a @ 28vdc see table a below 1 1/2 @ 120-600 vac 15a @ 120vac a600 100 @ 12 vac/vdc 6.600 6.600 85% to 110% 80% to 110% 10 4 10% 10% 6,000 30 2200 2200 1500 ul, csa, ce -40+85 -40+55 8 (10) 7.9 (0.8.1.0) 227 to 312 w199 open style power relay/ single and two pole 40 and 50 amp rating (dc and ac) additional dc rating with magnetic blowout single make/break double make/break 110 vdc 10 a 20 a 144 vdc ----- 15 a 220 vdc 4 a 8 a 325 vdc 2 a 4 a 500 vdc ----- 2 a table a:
6/5 magnecraft solution guide 105a www.magnecraft.com 847-441-2540 section 6 magnecraft solution guide 105a optional cover (50-1289-1) see section 3 p.22 199d, 199dy, 199ad, 199ady spst-dm, spst-db silver alloy 40 600v 40a @ 277v 50/60hz, 10a @ 600vac 50/60hz 40a @ 28vdc see table a below 2 @ 120-600 vac 15a @ 120vac a600 100 @ 12 vac/vdc 6.600 6.600 85% to 110% 80% to 110% 10 4 10% 10% 6,000 30 2200 2200 1500 ul, csa, ce -40+85 -40+55 8 (10) 7.9 (0.8.1.0) 227 to 312 199p, 199ap spst, spdt, dpst, dpdt silver alloy 50 600v 50a @ 277v 50/60hz, 5a @ 600vac 50/60hz 50a @ 28vdc see table a below 1 1/2 @ 120-600 vac 15a @ 120vac a600 100 @ 12 vac/vdc 6.600 6.600 85% to 110% 80% to 110% 10 4 10% 10% 6,000 30 2200 2200 1500 ul, csa, ce -40+85 -40+55 8 (10) 7.9 (0.8.1.0) 227 to 312 199de, 199dye, 199ade, 199adye spst-dm, spst-db silver alloy 50 600v 50a @ 277v 50/60hz, 10a @ 600vac 50/60hz 50a @ 28vdc see table a below 2 @ 120-600 vac 15a @ 120vac a600 100 @ 12 vac/vdc 6.600 6.600 85% to 110% 80% to 110% 10 4 10% 10% 6,000 30 2200 2200 1500 ul, csa, ce -40+85 -40+55 8 (10) 7.9 (0.8.1.0) 227 to 312 auxiliary switch ratings spdt dpdt up to 240 vac 50/60hz 10 a (ac1) 10 a (ac1) motor load, 120-240 vac 50/60hz 1/4 hp 1/4 hp pilot duty, 120-240 vac 50/60hz 278 va 278 va 125 vdc 0.4 a (dc1) 0.4 a (dc1) 250 vdc 0.2 a (dc1) 0.2 a (dc1) tungsten, 120 vac 50/60hz 3 a 3 a table b:
white ul recognized file no. e43641 u l us c riveted construction wide selection of coil voltages 14 awg for 40a, 11 awg for 50a confgurations combo-head screws wide array of options and confgurations 40a rated relays, dc operated 50a rated relays *contact magnecraft for more confgurations to ft your applications. 40a rated relays, ac operated bold-faced part numbers are normally stocked 6/6 section 6 magnecraft solution guide 105a magnecraft solution guide 105a w199 open style power relay/ single and two pole 40 and 50 amp rating (dc and ac) coil resistance (ohms) 12 ? 290 ? 12 ? 290 ? 1200 ? 12 ? 290 ? 1200 ? 290 ? 1200 ? 290 ? 290 ? 290 ? 290 ? 70 ? 290 ? 18 ? 70 ? 290 ? 6000 ? 70 ? 290 ? 70 ? 70 ? 290 ? 290 ? 1200 ? 290 ? 6000 ? 290 ? 290 ? 8 ? 260 ? 1040 ? 290 ? 18 ? 70 ? 260 ? 6000 ? 290 ? 6000 ? part number w199ax-3 w199ax-4 w199ax-13 w199ax-14 w199ax-15 w199ax-8 w199ax-9 w199ax-10 w199adx-4 w199adx-5 W199ABMX-7 w199dyx-2 w199dbx-3 w199dbx-6 w199bmx-13 w199mx-51 w199apx-13 w199apx-14 w199apx-15 w199adex-4 199px-11 w199px-12 w199px-13 199px-14 w199dex-3 199pqmkkx-1 contact confguration spdt spdt dpdt dpdt dpdt dpst-no dpst-no dpst-no spst-no-dm spst-no-dm spst-no-dm dpdt dpdt dpdt spdt spdt dpdt dpdt dpdt dpdt dpst-no dpst-no spst-nc-db spst-no-dm spst-no-dm spst-no-dm spst-no-dm dpdt dpdt dpdt dpdt dpdt dpdt dpdt spst-no-dm dpdt dpdt dpdt dpdt spst-no-dm dpdt nominal input voltage 24 vac 50/60 hz 120 vac 50/60 hz 24 vac 50/60 hz 120 vac 50/60 hz 240 vac 50/60 hz 24 vac 50/60 hz 120 vac 50/60 hz 240 vac 50/60 hz 120 vac 50/60 hz 240 vac 50/60 hz 120 vac 50/60 hz 120 vac 50/60 hz 120 vac 50/60 hz 120 vac 50/60 hz 12 vdc 24 vdc 6 vdc 12 vdc 24 vdc 110 vdc 12 vdc 24 vdc 12 vdc 12 vdc 24 vdc 24 vdc 48 vdc 24 vdc 110 vdc 24 vdc 24 vdc 24 vac 50/60 hz 120 vac 50/60 hz 240 vac 50/60 hz 120 vac 50/60 hz 6 vdc 12 vdc 24 vdc 110 vdc 24 vdc 110 vdc equipped optional features magnetic blowout magnetic blowout auxiliary switch, magnetic blowout auxiliary switch magnetic blowout magnetic blowout magnetic blowout magnetic blowout auxiliary switch, magnetic blowout auxiliary switch pressure wire connectors pressure wire connectors 1/4 qc term. on coil, auxiliary switch
optional cover (50-1289-1) see section 3 p.22 dpdt 1.87 (47.5) 2.5 max (63.5) 3.12 max (79.2) 1.62 (41.14) 2.31 max (58.67) 0.375 (9.5) dpdt w199ax-14 w199x-11 ab c auxilia ry switch d double make ef double break gh i j auxilia ry switch auxilia ry switch dpdt ab c auxilia ry switch d double make ef double break gh i j auxilia ry switch auxilia ry switch dpst-no 1.87 (47.5) 2.5 max (63.5) 2.25 max (57.15) 0.375 (9.5) 1.62 (41.14) 2.43 max (61.7) dpst -no w199x-8 ab c auxilia ry switch d double make ef double break gh i j auxilia ry switch auxilia ry switch 6/7 magnecraft solution guide 105a www.magnecraft.com 847-441-2540 section 6 magnecraft solution guide 105a w199 open style power relay/ single and two pole 40 and 50 amp rating (dc and ac)
*more confgurations available. 1.87 (47.5) 2.5 max (63.5) 2.25 max (57.15) 0.375 (9.5) 1.62 (41.14) 2.43 max (61.7) dpst -no 199bx-110 dpst-no w/blowout magnet ab c auxilia ry switch d double make ef double break gh i j auxilia ry switch auxilia ry switch dpdt w/auxiliary switch and qc connectors on coil 1.87 (47.5) 2.5 max (63.5) 3.12 max (79.2) 1.62 (41.14) 2.31 max (58.67) 0.375 (9.5) dpdt w/ aux switc h 199pqmx-20 ab c auxilia ry switch d double make ef double break gh i j auxilia ry switch auxilia ry switch 6/8 section 6 magnecraft solution guide 105a magnecraft solution guide 105a w199 open style power relay/ single and two pole 40 and 50 amp rating (dc and ac) continued
*more confgurations available. 2.5 max (63.5) 1.62 (41.14) 2.18 max (55.37) 0.375 (9.5) 2.43 max (61.7) 3.5 max (88.87) 199de spst -no-dm w199dex-3 1.87 (47.5) 2.5 max (63.5) 1.62 (41.14) 2.18 max (55.37) 0.375 (9.5) 2.43 max (61.7) spst -no-dm w199dx-2 1.87 (47.5) spst-no-dm ab c auxilia ry switch d double make ef double break gh i j auxilia ry switch auxilia ry switch spst-no-dm w/pressure wire connectors ab c auxilia ry switch d double make ef double break gh i j auxilia ry switch auxilia ry switch 6/9 magnecraft solution guide 105a www.magnecraft.com 847-441-2540 section 6 magnecraft solution guide 105a
*more confgurations available. dpdt w/blowout magnet and auxiliary switch 1.87 (47.5) 2.5 max (63.5) 3.12 max (79.2) 1.62 (41.14) 0.375 (9.5) 2.53 (64.26) dpdt w/ aux switch & magnetic blowout W199ABMX-7*** ab c auxilia ry switch d double make ef double break gh i j auxilia ry switch auxilia ry switch 1.62 (41.14) 2.31 max (58.67) 0.375 (9.5) 1.87 (47.5) 2.5 max (63.5) 2.43 max (61.7) dpst -no w199mx-27 dpst-no w/auxiliary switch ab c auxilia ry switch d double make ef double break gh i j auxilia ry switch auxilia ry switch 6/10 section 6 magnecraft solution guide 105a magnecraft solution guide 105a w199 open style power relay/ single and two pole 40 and 50 amp rating (dc and ac)
*more confgurations available. 2.5 max (63.5) 1.62 (41.14) 2.31 max (58.67) 0.375 (9.5) 2.548 (64.71) spst -no-dm w/ magnetic blowout w199adbx-4*** 1.87 (47.5) spst-no-dm w/blowout magnet ab c auxilia ry switch d double make ef double break gh i j auxilia ry switch auxilia ry switch dpdt w/auxiliary switch 1.87 (47.5) 2.5 max (63.5) 3.12 max (79.2) 1.62 (41.14) 2.31 max (58.67) 0.375 (9.5) dpdt w/ aux switch w199mx-51*** ab c auxilia ry switch d double make ef double break gh i j auxilia ry switch auxilia ry switch spdt 1.87 (47.5) 2.5 max (63.5) 2.18 max (55.37) 0.375 (9.5) 1.62 (41.14) 2.43 max (61.7) spdt w199x-3*** ab c auxilia ry switch d double make ef double break gh i j auxilia ry switch auxilia ry switch 6/11 magnecraft solution guide 105a www.magnecraft.com 847-441-2540 section 6 magnecraft solution guide 105a
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: magnecraft / schneider electric: ? w199x-7? w199x-3? w199x-8? w199x-2? w199ax-4? w199ax-9? w199ax-8? w199x-12? w199x-13? w199dx-3? w199dx-2? w199mx-27? w199hx-13? w199ahx-14? w199ax-10? w199ax-27? w199ax-14? w199ax-15? w199ax- 13? w199x-11? w199x-14? w199hx-14? w199adbx-4? w199bx-13? w199bx-12? w199apx-15


▲Up To Search▲   

 
Price & Availability of W199ABMX-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X